Electronic Components Datasheet Search
  English  ▼

X  

SD1423 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1423
Description  RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1423 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1423 Datasheet HTML 1Page - STMicroelectronics SD1423 Datasheet HTML 2Page - STMicroelectronics SD1423 Datasheet HTML 3Page - STMicroelectronics SD1423 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF & MICROWAVE TRANSISTORS
800-960MHz BASE STATION APPLICATIONS
.230 6LFL (M118)
epoxy sealed
.
800 - 960 MHz
.
24 VOLTS
.
EFFICIENCY 50%
.
COMMON EMITTER
.
GOLD METALLIZATION
.
CLASS AB LINEAR OPERATION
.
POUT
= 15 W MIN. WITH 8.0 dB GAIN
DESCRIPTION
The SD1423 is a gold metallization epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors for high linearity Class AB operation for
cellular base station applications. The SD1423 is
designed as a medium power output device or as
the driver for the SD1424.
PIN CONNECTION
BRANDING
SD1423
O R DE R CODE
SD1423
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Un it
VCBO
Collector-Base Voltage
48
V
VCEO
Collector-Emitter Voltage
25
V
VCES
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
2.5
A
PDISS
Power Dissipation
29
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
6
°C/W
SD1423
1. Collector
3. Emitter
2. Base
THERMAL DATA
August 22, 1996
1/ 4


Similar Part No. - SD1423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
logo
Microsemi Corporation
SD1420 MICROSEMI-SD1420 Datasheet
310Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS AB BASE STATIONS
logo
Honeywell Solid State E...
SD1420 HONEYWELL-SD1420 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
logo
Honeywell Accelerometer...
SD1420(L) HONEYWELL-ACC-SD1420(L) Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
More results

Similar Description - SD1423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com