Electronic Components Datasheet Search
  English  ▼

X  

SD1433 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1433
Description  RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1433 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1433 Datasheet HTML 1Page - STMicroelectronics SD1433 Datasheet HTML 2Page - STMicroelectronics SD1433 Datasheet HTML 3Page - STMicroelectronics SD1433 Datasheet HTML 4Page - STMicroelectronics SD1433 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UHF MOBILE APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4L STUD (M122)
epoxy sealed
.
470 MHz
.
12.5 VOLTS
.
CLASS C
.
EFFICIENCY 60%
.
COMMON EMITTER
.
POUT
= 10 W MIN. WITH 8.0 dB GAIN
DESCRIPTION
The SD1433 is a Class C epitaxial silicon NPN
planar transistor designed for driver applications
in the 450 - 512 MHz frequency range. This device
uses an emitter ballasted geometry specifically de-
signed for optimum stable power gain, maximum
efficiency and infinite VSWR.
PIN CONNECTION
BRANDING
SD1433
ORDER CODE
SD1433
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
2.5
A
PDISS
Power Dissipation
58
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
3.0
°C/W
SD1433
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/5


Similar Part No. - SD1433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1433 ETC1-SD1433 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD1433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134 STMICROELECTRONICS-SD1134 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
24-Jul-1993
logo
Advanced Power Technolo...
MS1426 ADPOW-MS1426 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1490 ADPOW-MS1490 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1429-03 ADPOW-SD1429-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1434 NJSEMI-SD1434 Datasheet
93Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com