Electronic Components Datasheet Search
  English  ▼

X  

LG-A676 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LG-A676
Description  SIDELED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-A676 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LG-A676 Datasheet HTML 3Page - ams-OSRAM AG LG-A676 Datasheet HTML 4Page - ams-OSRAM AG LG-A676 Datasheet HTML 5Page - ams-OSRAM AG LG-A676 Datasheet HTML 6Page - ams-OSRAM AG LG-A676 Datasheet HTML 7Page - ams-OSRAM AG LG-A676 Datasheet HTML 8Page - ams-OSRAM AG LG-A676 Datasheet HTML 9Page - ams-OSRAM AG LG-A676 Datasheet HTML 10Page - ams-OSRAM AG LG-A676 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LG A676
7 Version 1.3 | 2019-07-16
Forward current 6), 7)
I
F = f(VF); TS = 25 °C
OHL00457
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
10-1
100
101
102
Relative Luminous Intensity 6), 7)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
OHL03883
(20 mA)
V
V
I
I
IF
100
510 1
10
mA
2
-1
10
10-2
100
1
10
5
5
pure green
green
pure green
green
Relative Luminous Intensity 6)
I
v/Iv(25 °C) = f(Tj); IF = 20 mA
T
OHL00568
0
V (25 ˚C)
I
-40
˚C
j
IV
0.5
1.0
1.5
2.0
2.5
3.0
pure-green
green
-20
02040 60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com