Electronic Components Datasheet Search
  English  ▼

X  

SD1434 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1434
Description  RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1434 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1434 Datasheet HTML 1Page - STMicroelectronics SD1434 Datasheet HTML 2Page - STMicroelectronics SD1434 Datasheet HTML 3Page - STMicroelectronics SD1434 Datasheet HTML 4Page - STMicroelectronics SD1434 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT
C1
: 10pF Unelco, 200 mil Sq.
C2
: 36pF Unelco, 400 mil Sq.
C3
: 34pF Unelco, 400 mil Sq.
C4
: 36pF Unelco, 400 mil Sq.
C5
: 38pF Unelco, 400 mil Sq.
C6
: 16pF Unelco, 200 mil Sq.
C7
: 10pF Unelco, 200 mil Sq.
C8
: 25pF Unelco, 200 mil Sq.
C9
: 1 - 12pF, ATC Variable
C10
: 6pF Unelco, 200 mil Sq.
C11
: .01
µF 50V, Erie Disc
C12
: 1000pF Unelco, 400 mil Sq.
C13
: 47
µF 63V, Sprague Electrolytic
C14
: 10pF Unelco, 200 mil Sq.
L1
: 27
µH Molded
L2
: 6 Turns, #18 AWG, .175” I.D.
Material : Pc Board, Double Sided Copper 1/32” Thick
Teflon-Glass, 3M-K-6098
SD1434
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com