Electronic Components Datasheet Search
  English  ▼

X  

AL2007LA Datasheet(PDF) 2 Page - Samsung semiconductor

Part # AL2007LA
Description  Phase-Locked Loop (PLL) frequency synthesizer constructed in CMOS on single monolithic structure
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

AL2007LA Datasheet(HTML) 2 Page - Samsung semiconductor

  AL2007LA Datasheet HTML 1Page - Samsung semiconductor AL2007LA Datasheet HTML 2Page - Samsung semiconductor AL2007LA Datasheet HTML 3Page - Samsung semiconductor AL2007LA Datasheet HTML 4Page - Samsung semiconductor AL2007LA Datasheet HTML 5Page - Samsung semiconductor AL2007LA Datasheet HTML 6Page - Samsung semiconductor AL2007LA Datasheet HTML 7Page - Samsung semiconductor AL2007LA Datasheet HTML 8Page - Samsung semiconductor AL2007LA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL2007LA
0.35
µµµµm 20MHZ-170MHZ FSPLL
2
CORE PIN DESCRIPTION
Name
I/O Type
I/O Pad
Pin Description
VDD
DP
vddd
Digital power supply
VSS
DG
vssd
Digital ground
VDDA
AP
vdda
Analog power supply
VSSA
AG
vssa
Analog ground
VBB
AB/DB
vbba
Analog/Digital sub bias Power
FIN
DI
picc_bb
PLL clock input
FILTER
AO
poar50_bb
- Pump out is connected to Filter
- A capacitor is connected between the pin and analog ground
FOUT
DO
pot12_bb
20MHz~170MHz clock output
PWRDN
DI
picc_bb
FSPLL clock power down.
- PWRDN is High, PLL do not operating under this condition.
- If isn't used this pin, tied to VSS.
P[5:0]
DI
picc_bb
The values for 6bit programmable pre-divider.
M[7:0]
DI
picc_bb
The values for 8bit programmable main divider.
S[1:0]
DI
picc_bb
The values for 2bit programmable post scaler.
I/O Type Abbr.
— AI: Analog Input
— DI: Digital Input
— AO: Analog Output
— DO: Digital Output
— AB: Analog Bidirectional
— DB: Digital Bidirectional
— AP: Analog Power
— DP: Digital Power
— AG: Analog Ground
— DG: Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com