Electronic Components Datasheet Search
  English  ▼

X  

286LFRE Datasheet(PDF) 1 Page - CML Innovative Technologies Ltd

Part # 286LFRE
Description  5mm red lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLINNOVATIVETECHNOLOGIES [CML Innovative Technologies Ltd]
Direct Link  www.cml-it.com
Logo CMLINNOVATIVETECHNOLOGIES - CML Innovative Technologies Ltd

286LFRE Datasheet(HTML) 1 Page - CML Innovative Technologies Ltd

  286LFRE Datasheet HTML 1Page - CML Innovative Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
DATA SHEET
Type
Size
Rating
Description
Part No.
Incandescent
T-1½
12V 1.28W
5mm red lamp
286LFRE
Issue No.
Date
C.N. No.
Drawn
Tech
QA
1
02/11/05
-
BCW
Form TDF 024 Issue 3
*5.0
max
14.5
max
TEST
CURRENT (mA)
LIGHT OUTPUT (Lm)
LIFE
Min.
Nom.
Max.
Min.
Nom.
Max.
Hours
VOLTS
13.5
86
95
104
6
7
8
6,200(B
63.2
)
NOTES:
1
Light output applicable to un-coated lamp
2
Lamp components are lead-free


Similar Part No. - 286LFRE

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
286LFGR CMLINNOVATIVETECHNOLOGIES-286LFGR Datasheet
65Kb / 1P
5mm green lamp
02/11/05
More results

Similar Description - 286LFRE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503MHR1-06Q MARKTECH-LC503MHR1-06Q Datasheet
59Kb / 3P
Red 6 5mm LED lamp with water transparent lens
LC503MHR1-15Q MARKTECH-LC503MHR1-15Q Datasheet
59Kb / 3P
Red 15 5mm LED lamp with water transparent lens
LC503MHR1-30Q MARKTECH-LC503MHR1-30Q Datasheet
60Kb / 3P
Red 30 5mm LED lamp with water transparent lens
LC512MHR1-25Q MARKTECH-LC512MHR1-25Q Datasheet
60Kb / 3P
Red 25 5mm LED lamp with water transparent lens.
logo
Micro Electronics
MSB2310TK-5B MICRO-ELECTRONICS-MSB2310TK-5B Datasheet
43Kb / 1P
5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP
MSB64DA-1 MICRO-ELECTRONICS-MSB64DA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
MSB64TA-1 MICRO-ELECTRONICS-MSB64TA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
logo
LightKey Optoelectronic...
LLR519URUGW-B60A LIGHTKEY-LLR519URUGW-B60A Datasheet
95Kb / 3P
CA 5mm Round Ultra Red and Green LED Lamp
LLR519URUGW-B60C LIGHTKEY-LLR519URUGW-B60C Datasheet
77Kb / 3P
5mm Round Ultra Red and Green LED Lamp
logo
TT Electronics.
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
Oval Red LED Lamp (5mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com