Electronic Components Datasheet Search
  English  ▼

X  

001972LE Datasheet(PDF) 1 Page - KNIPEX

Part # 001972LE
Description  Belt Pouch For two pliers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

001972LE Datasheet(HTML) 1 Page - KNIPEX

  001972LE Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
00 19 72 LE
Belt Pouch
For two pliers
● For two pliers up to 150 mm length
● Made of hard-wearing polyester fabric
● With hook-and-loop fastener
● With elastic side holder for small flash lamp, pen or suchlike
● With practical belt clip
● Bag without tools
General
Article No.
00 19 72 LE
EAN
4003773070191
Weight
65 g
Reach
no
RohS
no
Technical details
Dimension exterior (interior) width mm
65 mm
Dimension exterior (interior) height mm
175 mm
Dimension exterior (interior) depth mm
45 mm
Classification
eCl@ss 5.1.4
21100100
ETIM 5.0
EC000181
ETIM 6.0
EC000181
proficl@ss 6.0
EAA937c005
UNSPSC 13.1
24111507
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 1


Similar Part No. - 001972LE

ManufacturerPart #DatasheetDescription
logo
Lapp.
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
More results

Similar Description - 001972LE

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Molex Electronics Ltd.
0690187037 MOLEX11-0690187037 Datasheet
27Kb / 1P
V Belt for TM-42
logo
Wurth Elektronik GmbH &...
74273703 WURTH-74273703 Datasheet
203Kb / 2P
Earthing Belt
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
UNIFOX-SR-6 PHOENIX-UNIFOX-SR-6 Datasheet
48Kb / 3P
The mounting pliers feature ergonomic two-component safety handles
logo
3M Electronics
824RCT 3M-824RCT Datasheet
558Kb / 4P
3M™ Scotch® Pouch Tape 824RCT
Apr-2016
825 3M-825 Datasheet
15Kb / 2P
Scotch® Pouch Tape
Apr-2003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com