Electronic Components Datasheet Search
  English  ▼

X  

002011 Datasheet(PDF) 1 Page - KNIPEX

Part # 002011
Description  Assembly Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002011 Datasheet(HTML) 1 Page - KNIPEX

  002011 Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
00 20 11
Assembly Set
● Pliers with two-colour multi-component grips
● Attractive sales packaging with Euro standard perforation
● Tools in a plastic deep-drawn tray with transparent lid
● Dimensions (W x H x D): 170 x 370 x 40 mm
General
Article No.
00 20 11
EAN
4003773012405
Weight
815 g
Dimensions
170 x 36 mm
Reach
no
RohS
no
Classification
eCl@ss 5.1.4
21040301
ETIM 5.0
EC000149
ETIM 6.0
EC000149
proficl@ss 6.0
EAD130c001
UNSPSC 13.1
27112125
Content
03 02 180
1 x Combination Pliers
26 12 200
1 x Snipe Nose Side Cutting Pliers (Stork Beak Pliers)
70 02 160
1 x Diagonal Cutter
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 1


Similar Part No. - 002011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
00201 ETC1-00201 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
logo
KNIPEX
002010 KNIPEX-002010 Datasheet
107Kb / 1P
Power Set
05.07.2021
logo
Littelfuse
00201000 LITTELFUSE-00201000 Datasheet
93Kb / 1P
ADR Cables ??Polyurethane sheath material
logo
KNIPEX
002012 KNIPEX-002012 Datasheet
102Kb / 1P
Jogo de ferramentas
10.03.2020
logo
Littelfuse
00201200 LITTELFUSE-00201200 Datasheet
93Kb / 1P
15-Pole ADR Cables ??Polyurethane sheath material
More results

Similar Description - 002011

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4064 TEC-408-4064 Datasheet
383Kb / 5P
PRO-CRIMPER III Hand Crimping Tool Assembly And Die Set
logo
PHOENIX CONTACT
1409053 PHOENIX-1409053 Datasheet
85Kb / 5P
Housing set - HC-MOT-AFL-SET
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212541 PHOENIX-1212541 Datasheet
63Kb / 3P
Tool set - SF-SL/PH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
1268355 PHOENIX-1268355 Datasheet
1Mb / 11P
Set - EV-T2M3SO12-4P-BL-SET
1164423 PHOENIX-1164423 Datasheet
1Mb / 12P
Set - EV-T2M3SO12-4P-P-SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com