Electronic Components Datasheet Search
  English  ▼

X  

002012 Datasheet(PDF) 1 Page - KNIPEX

Part # 002012
Description  Jogo de ferramentas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002012 Datasheet(HTML) 1 Page - KNIPEX

  002012 Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
10.03.2020 | Página 1 1
Informações sobre o produto
00 20 12
Jogo de ferramentas
● Embalagem de venda atrativa com perfuração de autoserviço
● Ferramentas em peça de plástico de estampagem profunda com
tampa transparente
● Dimensões (L x A x P): 170 x 370 x 40 mm
Artigo nº
00 20 12
EAN
4003773012412
Peso
960 g
Dimensões
220 x 38 mm
eCl@ss 5.1.4
21040301
ETIM 5.0
EC000149
ETIM 6.0
EC000149
proficl@ss 6.0
EAD130c001
UNSPSC 13.1
27112125
Gama de fornecimento
03 06 180
1 x Alicate universal
26 16 200
1 x Alicate semi-redondo com gume (alicate de bico de cegonha)
70 06 160
1 x Alicate de corte diagonal
Reservado alterações técnicas e erros


Similar Part No. - 002012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00201200 LITTELFUSE-00201200 Datasheet
93Kb / 1P
15-Pole ADR Cables ??Polyurethane sheath material
logo
KNIPEX
002012V01 KNIPEX-002012V01 Datasheet
116Kb / 2P
Screwdriver Set
05.07.2021
002012V02 KNIPEX-002012V02 Datasheet
120Kb / 2P
VDE Screwdriver Set Slotted / Phillips®
05.07.2021
002012V03 KNIPEX-002012V03 Datasheet
122Kb / 2P
VDE Screwdriver Set Phillips® / Pozidriv®
05.07.2021
002012V04 KNIPEX-002012V04 Datasheet
123Kb / 2P
VDE Screwdriver Set Slotted / Phillips® / Pozidriv®
05.07.2021
More results

Similar Description - 002012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
EMF HAMMOND-EMF Datasheet
52Kb / 1P
Ensemble de pieds de montage Eclipse
1485Z HAMMOND-1485Z Datasheet
50Kb / 1P
Tron챌ons de rotation de 12 po
EPIN HAMMOND-EPIN Datasheet
52Kb / 1P
Broches de charniere de remplacement Eclipse
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com