Electronic Components Datasheet Search
  English  ▼

X  

002012V02 Datasheet(PDF) 1 Page - KNIPEX

Part # 002012V02
Description  VDE Screwdriver Set Slotted / Phillips®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002012V02 Datasheet(HTML) 1 Page - KNIPEX

  002012V02 Datasheet HTML 1Page - KNIPEX 002012V02 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
00 20 12 V02
VDE Screwdriver Set
Slotted / Phillips®
● Tools in a plastic deep-drawn tray with transparent lid
● Attractive sales packaging with Euro standard perforation
● Dimensions (W x H x D): 170 x 370 x 40 mm
General
Article No.
00 20 12 V02
EAN
4003773082538
Weight
550 g
Dimensions
171 x 37 mm
Reach
no
RohS
no
Classification
eCl@ss 5.1.4
21040403
ETIM 5.0
EC000149
ETIM 6.0
EC000149
proficl@ss 6.0
EAD130c001
UNSPSC 13.1
27112137
Content
98 20 30
1 x Screwdrivers for slotted screws (3,0 mm)
98 20 40 SL
1 x Screwdriver (Slim) for slotted screws (4,0 mm)
98 20 55 SL
1 x Screwdriver (Slim) for slotted screws (5,5 mm)
98 20 65 SL
1 x Screwdriver (Slim) for slotted screws (6,5 mm)
98 24 01 SL
1 x Screwdriver (Slim) for cross-recessed screws Phillips® (PH1)
98 24 02 SL
1 x Screwdriver (Slim) for cross-recessed screws Phillips® (PH2)
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 002012V02

ManufacturerPart #DatasheetDescription
logo
KNIPEX
002012V01 KNIPEX-002012V01 Datasheet
116Kb / 2P
Screwdriver Set
05.07.2021
002012V03 KNIPEX-002012V03 Datasheet
122Kb / 2P
VDE Screwdriver Set Phillips® / Pozidriv®
05.07.2021
002012V04 KNIPEX-002012V04 Datasheet
123Kb / 2P
VDE Screwdriver Set Slotted / Phillips® / Pozidriv®
05.07.2021
002012V05 KNIPEX-002012V05 Datasheet
119Kb / 2P
VDE Screwdriver Set PlusMinus / Slotted
05.07.2021
More results

Similar Description - 002012V02

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-SL PHOENIX-SF-SL Datasheet
64Kb / 3P
Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
1200156 PHOENIX-1200156 Datasheet
44Kb / 2P
Screwdriver - SF-TX 10X80 VDE
1200159 PHOENIX-1200159 Datasheet
44Kb / 2P
Screwdriver - SF-TX 25X100 VDE
1205079 PHOENIX-1205079 Datasheet
52Kb / 2P
Screwdriver - SZS 1,0X6,5 VDE
1205150 PHOENIX-1205150 Datasheet
60Kb / 3P
Screwdriver - SZK PH1 VDE
1205163 PHOENIX-1205163 Datasheet
60Kb / 3P
Screwdriver - SZK PH2 VDE
1212508 PHOENIX-1212508 Datasheet
53Kb / 2P
Screwdriver - SZS 0,8X4,0 VDE
1212536 PHOENIX-1212536 Datasheet
51Kb / 3P
Screwdriver - SZK PH3 VDE
1212599 PHOENIX-1212599 Datasheet
51Kb / 3P
Philips screwdriver - SZK PZ3 VDE
1212602 PHOENIX-1212602 Datasheet
53Kb / 2P
Screwdriver - SZS 0,6X3,5 VDE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com