Electronic Components Datasheet Search
  English  ▼

X  

SD1439 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1439
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1439 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1439 Datasheet HTML 1Page - STMicroelectronics SD1439 Datasheet HTML 2Page - STMicroelectronics SD1439 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF & MICROWAVE TRANSISTORS
UHF TV/LINEAR APPLICATIONS
.280 4L STUD (M122)
epoxy sealed
.
860 MHz
.
COMMON EMITTER
.
GOLD METALLIZATION
.
CLASS A LINEAR OPERATION
.
POUT
= 0.5 W MIN. WITH 9.5 dB GAIN
DESCRIPTION
The SD1439 is a silicon NPN bipolar device spe-
cifically designed for high linearity applications in
the UHF frequency range including TV Bands IV
and V.
Gold metallization and emitter ballasting assure
high reliability under Class A linear amplifier op-
eration.
PIN CONNECTION
BRANDING
TCC596
ORDER CO DE
SD1439
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Valu e
Un it
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
24
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
0.5
A
PDISS
Power Dissipation
8.75
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
20
°C/W
SD1439
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
June 13, 1995
1/3


Similar Part No. - SD1439

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1433 STMICROELECTRONICS-SD1433 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
logo
List of Unclassifed Man...
SD1433 ETC1-SD1433 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
SD1434 ASI-SD1434 Datasheet
21Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
New Jersey Semi-Conduct...
SD1434 NJSEMI-SD1434 Datasheet
93Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results

Similar Description - SD1439

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1448 STMICROELECTRONICS-SD1448 Datasheet
71Kb / 6P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1581 ADPOW-MS1581 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com