Electronic Components Datasheet Search
  English  ▼

X  

002016 Datasheet(PDF) 1 Page - KNIPEX

Part # 002016
Description  Case for Electronics Pliers With tools for work on electronic components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002016 Datasheet(HTML) 1 Page - KNIPEX

  002016 Datasheet HTML 1Page - KNIPEX 002016 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
00 20 16
Case for Electronics Pliers
With tools for work on electronic components
● 7 parts, contains 6 electronics pliers and one pair of precision
tweezers
● Case made of hard-wearing polyester fabric, pliers are held by elastic
band, zippered
● Dimensions, closed (W x H x D): 215 x 160 x 50 mm
General
Article No.
00 20 16
EAN
4003773022619
Weight
660 g
Dimensions
162 x 45 mm
Reach
no
RohS
no
Classification
eCl@ss 5.1.4
21040301
ETIM 5.0
EC000149
ETIM 6.0
EC000149
proficl@ss 6.0
EAD130c001
UNSPSC 13.1
27112125
Content
35 12 115
1 x Electronics Pliers
35 22 115
1 x Electronics Pliers
35 32 115
1 x Electronics Pliers
64 32 120
1 x Electronics End Cutting Nipper
77 02 115
1 x Electronics Diagonal Cutter
77 42 115
1 x Electronics Diagonal Cutter
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 002016

ManufacturerPart #DatasheetDescription
logo
KNIPEX
002016P KNIPEX-002016P Datasheet
124Kb / 2P
Case for Electronics Pliers With tools for work on electronic components
05.07.2021
002016PESD KNIPEX-002016PESD Datasheet
131Kb / 2P
Case for Electronics Pliers With tools for work on electronic components
05.07.2021
More results

Similar Description - 002016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
Components for Entertainment Electronics
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
DB Lectro Inc
JQX-14FC DBLECTRO-JQX-14FC Datasheet
280Kb / 3P
ELECTRONIC COMPONENTS
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
PCB Components and Housings for Electronics
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
Ferrite Components for the Electronics Industry
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
logo
PHOENIX CONTACT
1203259 PHOENIX-1203259 Datasheet
47Kb / 2P
These crimping pliers are pneumatic tools for ferrules with a cross section range of 0.25 to 10 mm짼
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com