Electronic Components Datasheet Search
  English  ▼

X  

002106 Datasheet(PDF) 2 Page - KNIPEX

Part # 002106
Description  Tool Case "BIG Basic Move" ElectricPlus 68 parts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002106 Datasheet(HTML) 2 Page - KNIPEX

  002106 Datasheet HTML 1Page - KNIPEX 002106 Datasheet HTML 2Page - KNIPEX 002106 Datasheet HTML 3Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Content
70 06 160
1 x Diagonal Cutter
74 06 200
1 x High Leverage Diagonal Cutter
78 06 125
1 x Electronic Super Knips® VDE
87 01 180
1 x KNIPEX Cobra® High-Tech Water Pump Pliers
97 53 18
1 x KNIPEX Twistor®16 Self-Adjusting Crimping Pliers for wire
ferrules with rotatable die head (0,14 – 16 mm²)
98 20 25
1 x Screwdrivers for slotted screws (2,5 mm)
98 20 35 SL
1 x Screwdriver (Slim) for slotted screws (3,5 mm)
98 20 40 SL
1 x Screwdriver (Slim) for slotted screws (4,0 mm)
98 20 55 SL
1 x Screwdriver (Slim) for slotted screws (5,5 mm)
98 24 01 SL
1 x Screwdriver (Slim) for cross-recessed screws Phillips® (PH1)
98 24 02 SL
1 x Screwdriver (Slim) for cross-recessed screws Phillips® (PH2)
98 25 01 SL
1 x Screwdriver (Slim) for cross-recessed screws Pozidriv® (PZ 1)
98 25 01 SLS
1 x (Slim) PlusMinus screwdriver Pozidriv® (PZ/S 1)
98 25 02 SL
1 x Screwdriver (Slim) for cross-recessed screws Pozidriv® (PZ 2)
98 25 02 SLS
1 x (Slim) PlusMinus screwdriver Pozidriv® (PZ/S 2)
98 26 10
1 x (TX10)
98 26 15
1 x (TX15)
98 26 20
1 x (TX20)
98 26 25
1 x (TX25)
98 26 30
1 x (TX30)
L240 00055
1 x Knipex Folding ruler Stabila series 400 (200 mm)
101-0300
1 x Picard Locksmith's hammer (300 g)
361 252 1
1 x Rennsteig Electrician’s Chisel (250 x 10 mm)
16135
1 x Stabila Spirit Level Type 70 Electric (430 mm)
18115
1 x Stabila Pocket Electric mini spirit level (68 mm)
0022086
1 x Wera set of hex key wrenches (1,5 - 10 mm)
004018
1 x Wera 8100 SA 8 Zyklop set of metal ratchets 28 parts (1/4")
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
09.03.2023 | page 2 from 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com