Electronic Components Datasheet Search
  English  ▼

X  

002136 Datasheet(PDF) 2 Page - KNIPEX

Part # 002136
Description  Tool Case "Robust34" Electric
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002136 Datasheet(HTML) 2 Page - KNIPEX

  002136 Datasheet HTML 1Page - KNIPEX 002136 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Content
16 95 01 SB
1 x KNIPEX ErgoStrip® Universal Stripping Tool (Ø 8,0 – 13,0 mm)
70 06 160
1 x Diagonal Cutter
87 01 180
1 x KNIPEX Cobra® High-tech Water Pump Pliers
97 53 04
1 x Self-Adjusting Crimping Pliers for wire ferrules with lateral access
(0,08 – 10 + 16 mm²)
98 52
1 x Cable Knife
L240 00055
1 x Knipex Folding ruler Stabila series 400 (200 mm)
16135
1 x Stabila Spirit Level Type 70 Electric (430 mm)
003484
1 x Wera Kraftform Kompact VDE 16 Slim
Accessories
00 21 36 LE
Tool Case "Robust34" empty,
technical change and errors excepted
With document compartment
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 2 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com