Electronic Components Datasheet Search
  English  ▼

X  

002136LE Datasheet(PDF) 1 Page - KNIPEX

Part # 002136LE
Description  Tool Case "Robust34" Empty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

002136LE Datasheet(HTML) 1 Page - KNIPEX

  002136LE Datasheet HTML 1Page - KNIPEX 002136LE Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
00 21 36 LE
Tool Case "Robust34"
Empty
● For the toughest conditions: Dust-tight, waterproof and temperature-
resistant
● Fit-to-fly case, made from impact-resistant polypropylene
● Dustproof and watertight
● Air pressure compensation valve
● Temperature-resistant from - 30°C to +80° C
● Padlock eyelets
● Document compartment; tool boards made from dirt-repelling twin-wall
PP sheet with tool pockets and tool straps
● Lockable base tray can be individually divided using aluminium
separator system
● Ergonomic dual-component handle
● With a total of 93 inserting options
General
Article No.
00 21 36 LE
EAN
4003773082576
Weight
7,100 g
Reach
no
RohS
no
Technical details
Dimension exterior (interior) width mm
510 mm (480 mm)
Dimension exterior (interior) height mm
215 mm (199 mm)
Dimension exterior (interior) depth mm
419 mm (356 mm)
Classification
eCl@ss 5.1.4
21100100
ETIM 5.0
EC000181
ETIM 6.0
EC000181
proficl@ss 6.0
EAA404c076
UNSPSC 13.1
27112117
Spare Parts
00 21 99 V30
Spare tilting clasp front for 00 21 3X, (2x)
00 21 99 V32
Spare handle for 00 21 3X,
00 21 99 V37
Spare rotating swivel for 00 21 3X, (2x)
00 21 99 V38
Spare hinge for 00 21 3X, (2x)
00 21 99 V39
Spare clip for tool board for 00 21 3X, (2x)
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 002136LE

ManufacturerPart #DatasheetDescription
logo
KNIPEX
002136 KNIPEX-002136 Datasheet
187Kb / 2P
Tool Case "Robust34" Electric
05.07.2021
More results

Similar Description - 002136LE

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
PHOENIX CONTACT
1212423 PHOENIX-1212423 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-KIT STANDARD EMPTY
1212428 PHOENIX-1212428 Datasheet
80Kb / 7P
Toolbox - TOOL-CASE BASIC
1212499 PHOENIX-1212499 Datasheet
45Kb / 2P
Tool bag - TOOL-CARRIER EMPTY
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BAG EMPTY
1212501 PHOENIX-1212501 Datasheet
44Kb / 2P
Tool bag - TOOL-WRAP EMPTY
1212502 PHOENIX-1212502 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BELTPOUCH EMPTY
1212628 PHOENIX-1212628 Datasheet
43Kb / 2P
Toolbox - TOOL-CASE EMPTY
1212629 PHOENIX-1212629 Datasheet
85Kb / 7P
Toolbox - TOOL-CASE
3202957 PHOENIX-3202957 Datasheet
39Kb / 2P
Spare knife - CF 3000 TOOL CASE AB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com