Electronic Components Datasheet Search
  English  ▼

X  

CD54HC153 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC153
Description  High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC153 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC153 Datasheet HTML 1Page - Texas Instruments CD54HC153 Datasheet HTML 2Page - Texas Instruments CD54HC153 Datasheet HTML 3Page - Texas Instruments CD54HC153 Datasheet HTML 4Page - Texas Instruments CD54HC153 Datasheet HTML 5Page - Texas Instruments CD54HC153 Datasheet HTML 6Page - Texas Instruments CD54HC153 Datasheet HTML 7Page - Texas Instruments CD54HC153 Datasheet HTML 8Page - Texas Instruments CD54HC153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
I to Y
tPLH,
tPHL
CL = 50pF
2
-
-
145
-
180
-
220
ns
4.5
-
-
29
-
36
-
44
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
25
-
31
-
38
ns
E to Y
tPLH,
tPHL
CL = 50pF
2
-
120
-
150
-
180
ns
4.5
-
24
-
30
-
36
ns
CL =15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
20
-
26
-
31
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-5
-
45
-
-
-
-
-
pF
HCT TYPES
Propagation Delay (Figure 2)
tPLH,
tPHL
S to Y
CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CL =15pF
5
-
14
-
-
-
-
ns
I to Y
tPLH,
tPHL
CL = 50pF
4.5
-
-
24
-
30
-
36
ns
CL =15pF
5
-
9
-
-
-
-
-
ns
I to Y
tPLH,
tPHL
CL = 50pF
4.5
-
34
-
43
-
51
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
E to Y
tPLH,
tPHL
CL = 50pF
4.5
-
-
27
-
34
-
41
ns
CL =15pF
5
-
11
-
-
-
-
ns
Output Transition Time
tTLH,tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-5
-
45
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per multiplexer.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuit and Waveform
FIGURE 1. PROPAGATION DELAY TIMES
tr = 6ns
E
I OR S
OUTPUT Y
tPLH
tf = 6ns
90%
VS
10%
VS
tPHL
CD54HC153, CD74HC153, CD54HCT153, CD74HCT153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com