Electronic Components Datasheet Search
  English  ▼

X  

SD1448 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1448
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1448 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1448 Datasheet HTML 1Page - STMicroelectronics SD1448 Datasheet HTML 2Page - STMicroelectronics SD1448 Datasheet HTML 3Page - STMicroelectronics SD1448 Datasheet HTML 4Page - STMicroelectronics SD1448 Datasheet HTML 5Page - STMicroelectronics SD1448 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UHF TV/LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4L STUD (M122)
epoxy sealed
.
860 MHz
.
25 VOLTS
.
COMMON EMITTER
.
GOLD METALLIZATION
.
CLASS A LINEAR OPERATION
.
POUT
= 4.0 W MIN. WITH 7.0 dB GAIN
DESCRIPTION
The SD1448 is a silicon NPN bipolar device spe-
cifically designed for high linearity applications in
the UHF frequency range including TV Bands IV
and V.
Gold metallization and emitter ballasting assure
high reliability under Class A linear amplifier oper-
ation.
PIN CONNECTION
BRANDING
TCC598
ORDER CODE
SD1448
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
4
V
IC
Device Current
1.6
A
PDISS
Power Dissipation
31.8
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
5.5
°C/W
SD1448 (TCC598)
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/6


Similar Part No. - SD1448

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SD1440 HONEYWELL-ACC-SD1440 Datasheet
415Kb / 4P
Silicon Phototransistor
SD1440 HONEYWELL-ACC-SD1440 Datasheet
415Kb / 4P
Silicon Phototransistor
logo
Honeywell Solid State E...
SD1440 HONEYWELL-SD1440 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
Silicon Phototransistor
More results

Similar Description - SD1448

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1439 STMICROELECTRONICS-SD1439 Datasheet
33Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1581 ADPOW-MS1581 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com