Electronic Components Datasheet Search
  English  ▼

X  

LO-E63B Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LO-E63B
Description  Power TOPLED® Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-E63B Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LO-E63B Datasheet HTML 2Page - ams-OSRAM AG LO-E63B Datasheet HTML 3Page - ams-OSRAM AG LO-E63B Datasheet HTML 4Page - ams-OSRAM AG LO-E63B Datasheet HTML 5Page - ams-OSRAM AG LO-E63B Datasheet HTML 6Page - ams-OSRAM AG LO-E63B Datasheet HTML 7Page - ams-OSRAM AG LO-E63B Datasheet HTML 8Page - ams-OSRAM AG LO-E63B Datasheet HTML 9Page - ams-OSRAM AG LO-E63B Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LO E63B
DATASHEET
DATASHEET
6 | Version 1.5 | 2022-09-01
Brightness Groups
Group
Partial Flux 1)
Partial Flux 1)
Luminous Flux 6)
I
F = 50 mA
I
F = 50 mA
I
F = 50 mA
min.
max.
typ.
E
v
E
v
Φ
V
DA
4500 lx
5600 lx
2370 mlm
DB
5600 lx
7100 lx
2980 mlm
EA
7100 lx
9000 lx
3780 mlm
EB
9000 lx
11200 lx
4750 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 50 mA
I
F = 50 mA
min.
max.
V
F
V
F
3
1.90 V
2.20 V
4
2.20 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 50 mA
I
F = 50 mA
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com