Electronic Components Datasheet Search
  English  ▼

X  

DB107S Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # DB107S
Description  SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

DB107S Datasheet(HTML) 1 Page - VoltarisTech Inc

  DB107S Datasheet HTML 1Page - VoltarisTech Inc DB107S Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101S THRU DB107S
SINGLE PHASE GLASS
PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
VOLTAGE: 50 to 1000V
CURRENT: 1.0A
FEATURE
DBS
For surface mount application
Reliable low cost construction utilizing molded plastic
Technique
Surge overload rating:50 A peak
MECHANICAL DATA
Terminal: Plated leads solderable perJ-STD-002
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
SYMBOL
DB
101S
DB
102S
DB
103S
DB
104S
DB
105S
DB
106S
DB
107S
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at
Ta =40
C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum
Instantaneous
Forward
Voltage
at
forward current 1.0A
Vf
1.1
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10.0
500.0
A
Typical Junction Capacitance
(Note1)
Cj
25.0
Pf
Typical Thermal Resistance
(Note2)
Rth(ja)
Rth(jc)
Rth(jl)
40
10
15
℃/W
Operating Junction Temperature Range
Tj
-55 to +125
℃
Storage Temperature
Tstg
-55 to +150
℃
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0 volt
2. Thermal Resistance from Junction to Ambient and to Lead Mounted on P.C.B. with 0.51″×0.51″(13mm×13mm) Copper Pads
Rev.A8, 30-Jun-16
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - DB107S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB107S RECTRON-DB107S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB107S BYTES-DB107S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB107S DCCOM-DB107S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB107S FORMOSA-DB107S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB107S ETC-DB107S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results

Similar Description - DB107S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com