Electronic Components Datasheet Search
  English  ▼

X  

TC2182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC2182
Description  Low Noise Ceramic Packaged PHEMT GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC2182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC2182 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2182 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2182 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC2182 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRANSCOM
TC2182
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
79
January 2002
Low Noise Ceramic Packaged PHEMT GaAs FETs
FEATURES
• 0.5 dB Typical Noise Figure at 12 GHz
• High Associated Gain:
Ga = 13 dB Typical at 12 GHz
• Lg = 0.25 µm, Wg = 160 µm
• 100 % DC Tested
• Micro-X Metal Ceramic Package
DESCRIPTION
The TC2182 is a high performance field effect transistor housed in a ceramic micro-x package with
TC1102 PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that
makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure
consistent quality.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 2 V, IDS = 10 mA, f = 12GHz
0.5
0.7
dB
Ga
Associated Gain at VDS = 2 V, IDS = 10 mA, f = 12GHz
10
13
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
40
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
55
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 0.32mA
-0.5
-1.0
-2.0
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 0.08mA
59
Volts
Rth
Thermal Resistance
130
°C/W
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
5.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
160
µA
Pin
RF Input Power, CW
14 dBm
PT
Continuous Dissipation
150 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
TYPICAL NOISE PARAMETERS (TA=25
°°°°C)
VDS = 2 V, IDS = 10 mA
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.32
19.0
0.98
15
0.40
4
0.33
17.4
0.84
30
0.35
6
0.35
15.7
0.68
50
0.26
8
0.39
14.3
0.51
76
0.19
10
0.44
12.9
0.38
107
0.12
12
0.50
11.9
0.28
146
0.08
14
0.58
11.4
0.25
-167
0.07
16
0.74
11.2
0.32
-110
0.11
18
0.91
10.9
0.49
-43
0.23
PHOTO ENLARGEMENT


Similar Part No. - TC2182

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
More results

Similar Description - TC2182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com