Electronic Components Datasheet Search
  English  ▼

X  

PL12SL082 Datasheet(PDF) 1 Page - CML Innovative Technologies Ltd

Part # PL12SL082
Description  Ø12mm stainless steel panel lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLINNOVATIVETECHNOLOGIES [CML Innovative Technologies Ltd]
Direct Link  www.cml-it.com
Logo CMLINNOVATIVETECHNOLOGIES - CML Innovative Technologies Ltd

PL12SL082 Datasheet(HTML) 1 Page - CML Innovative Technologies Ltd

  PL12SL082 Datasheet HTML 1Page - CML Innovative Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
PL12SL Series (Bi-colour)
Ø12mm stainless steel panel lights
Page 1 of 1
Issue 1: 20/10/22
CML Innovative Technologies Ltd • 69-70 Eastern Way • Bury St Edmunds • Suffolk • IP32 7AB • England
Tel: +44 (0) 1284 714700 • Fax: +44 (0) 1284 724850 • www.cml-it.com
Registered Office: Eastern Way, Bury St Edmunds – Registration No. 265006 England
Classified as Public
Product Configuration
Outline Dimensions (mm) - Not to scale
Colour
Typ. Wavelength
(nm)
Viewing Angle
(o)
Typ. Luminous
Intensity (mcd)
Rnd
Flat
Rnd
Flat
Rnd
Flat
Red
623
625
15
25
350
3500
Green
518
520
15
25
1000
6500
Notes:
1
Optical Data
Applies to component LED @ 25oC, 20mA
2
Body Material
Bezel - Stainless Steel 304, Housing
– PA6
9
Wire Gauge
28 AWG
3
LED Life (Average)
50000 Hrs
4
Operating Current
AC/DC
5
Current Rating
≤ 20mA
6
Protection
IP67
7
Environmental
RoHS & REACH SVHC compliant
8
Marking
Voltage, colour, CE/UKCA (110V, 240V only)
9
Operating Temp
-25ºC~+65ºC
Example Part Number
PL12SL023
Panel indicator 12mm diameter, stainless steel bezel, lead wire terminated, flat lens, Green, 24V.
Series
Ø12mm
Bezel Material
S: Stainless steel
Terminal
L: Lead Wire
 LED Colour
8: Red/Green + Com
9: Red/Green - Com
 LED Voltage
2: 12V
3: 24V
 Lens style
0: Flat
1: Prom/Round
PL12
S
L
4.5
M12 x 1
SW 19
27.2
120 - 150
+
+
- Com
1.5
M12 x 1
SW 19
27.2
120 - 150
-
-
+ Com


Similar Part No. - PL12SL082

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
PL12SL012 CMLINNOVATIVETECHNOLOGIES-PL12SL012 Datasheet
895Kb / 1P
Ø12mm stainless steel panel lights
20/10/22
PL12SL013 CMLINNOVATIVETECHNOLOGIES-PL12SL013 Datasheet
895Kb / 1P
Ø12mm stainless steel panel lights
20/10/22
PL12SL015 CMLINNOVATIVETECHNOLOGIES-PL12SL015 Datasheet
895Kb / 1P
Ø12mm stainless steel panel lights
20/10/22
PL12SL016 CMLINNOVATIVETECHNOLOGIES-PL12SL016 Datasheet
895Kb / 1P
Ø12mm stainless steel panel lights
20/10/22
PL12SL022 CMLINNOVATIVETECHNOLOGIES-PL12SL022 Datasheet
895Kb / 1P
Ø12mm stainless steel panel lights
20/10/22
More results

Similar Description - PL12SL082

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
logo
DFI Inc
SPC150-BT DFI-SPC150-BT Datasheet
327Kb / 4P
15 Stainless Steel Panel PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com