Electronic Components Datasheet Search
  English  ▼

X  

006110CS Datasheet(PDF) 1 Page - KNIPEX

Part # 006110CS
Description  ColorCode Clips gray (10 pieces)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

006110CS Datasheet(HTML) 1 Page - KNIPEX

  006110CS Datasheet HTML 1Page - KNIPEX 006110CS Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
00 61 10 CS
ColorCode Clips gray (10 pieces)
● ColorCode Clips for personal identification
● For all tools with KNIPEXtend
● Extends any pliers with comfort handles
General
Article No.
00 61 10 CS
EAN
4003773089698
Weight
16 g
Dimensions
21 x 9 x 8 mm
REACH compliant
does not contain SVHC
RoHS compliant
not applicable
Technical details
Class
21 mm
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
06.03.2024 | page 1 from 2


Similar Part No. - 006110CS

ManufacturerPart #DatasheetDescription
logo
KNIPEX
006110CA KNIPEX-006110CA Datasheet
173Kb / 2P
ColorCode Clips anthracite (10 pieces)
06.03.2024
006110CB KNIPEX-006110CB Datasheet
87Kb / 1P
ColorCode Clips blue (10 pieces)
06.03.2024
006110CG KNIPEX-006110CG Datasheet
174Kb / 2P
ColorCode Clips green (10 pieces)
06.03.2024
006110CM KNIPEX-006110CM Datasheet
174Kb / 2P
ColorCode Clips magenta (10 pieces)
06.03.2024
006110CO KNIPEX-006110CO Datasheet
174Kb / 2P
ColorCode Clips orange (10 pieces)
06.03.2024
More results

Similar Description - 006110CS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
P-Clips, Nylon Cable Clamping Clips
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
P-Clips
logo
Tripp Lite. All Rights ...
SR1UPANEL10 TRIPPLITE-SR1UPANEL10 Datasheet
470Kb / 2P
1U Blanking Panel Kit, Toolless-Mounting, 10 pieces
logo
WAGO Kontakttechnik Gmb...
2002-171 WAGO-2002-171 Datasheet
171Kb / 3P
Insulation stop; 0.25 - 0.5 mm짼; 5 pieces/strip; light gray
24.11.2021
2002-172 WAGO-2002-172 Datasheet
171Kb / 3P
Insulation stop; 0.75 - 1 mm짼; 5 pieces/strip; dark gray
24.11.2021
logo
SparkFun Electronics
TOL-14817 SPARKFUN-TOL-14817 Datasheet
203Kb / 1P
Standard PCB Drill Set (10 Pieces)
8-6-18
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
WAGO Kontakttechnik Gmb...
2001-171 WAGO-2001-171 Datasheet
176Kb / 3P
Insulation stop; 0.25 - 0.5 mm짼; 5 pieces/strip; light gray
24.11.2021
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
Retaining clips
2022-01-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com