Electronic Components Datasheet Search
  English  ▼

X  

124902 Datasheet(PDF) 1 Page - KNIPEX

Part # 124902
Description  1 pair of spare clamping jaws for 12 40 200
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

124902 Datasheet(HTML) 1 Page - KNIPEX

  124902 Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
12 49 02
1 pair of spare clamping jaws for 12 40
200
● For single, multiple and fine stranded conductors with plastic or rubber
insulation
● Adapts automatically to the respective cable cross-section; prevents
damage to the conductor
● Cutting depth can be adjusted for different insulation materials
● With wire cutter for copper and aluminium wires, multiple stranded up
to 10 mm² and single stranded up to 6 mm²
● Smoothly operating mechanism
● Stripping blades and clamping jaws easily replaceable
● Low weight
● Body: plastic, fibreglass-reinforced
● Blade: special tool steel, oil-hardened
General
Article No.
12 49 02
EAN
4003773026686
Weight
2 g
Dimensions
70 x 5 mm
Reach
no
RohS
no
Classification
eCl@ss 5.1.4
21040302
ETIM 5.0
EC000163
ETIM 6.0
EC000163
proficl@ss 6.0
AAA002c003
UNSPSC 13.1
27112100
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 1


Similar Part No. - 124902

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124902M ADELS-124902M Datasheet
117Kb / 2P
500 SK II/ 2 MDS
More results

Similar Description - 124902

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-89 PLL-PLL602-89 Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
logo
Alpha Wire
6042C ALPHAWIRE-6042C Datasheet
68Kb / 2P
Component1 12 X 1 PAIR
6210C ALPHAWIRE-6210C Datasheet
81Kb / 2P
Component 1 12 X 1 PAIR
6230C ALPHAWIRE-6230C Datasheet
81Kb / 2P
Component 1 12 X 1 PAIR
logo
PHOENIX CONTACT
CRIMPFOX-RCI-6-1 PHOENIX-CRIMPFOX-RCI-6-1 Datasheet
50Kb / 2P
Spare die for CRIMPFOX-RCI 6-1
CRIMPFOX-RCT-25-1 PHOENIX-CRIMPFOX-RCT-25-1 Datasheet
48Kb / 2P
Spare die for CRIMPFOX-RCT 25-1
WF-1000-CJ PHOENIX-WF-1000-CJ Datasheet
54Kb / 2P
Replacement jaws for stripping machine
WIREFOX-D-40 PHOENIX-WIREFOX-D-40 Datasheet
45Kb / 2P
Spare knife for WIREFOX-D 40
1212313 PHOENIX-1212313 Datasheet
45Kb / 2P
Spare knife - WIREFOX-D 40/SB
logo
Abracon Corporation
ABX0289 ABRACON-ABX0289 Datasheet
97Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
03/21/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com