Electronic Components Datasheet Search
  English  ▼

X  

AWC86 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AWC86
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AWC86 Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 13Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 14Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 15Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 16Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Advanced Web Communication
(13)
Slim-Link® Server
Slim-Link® Server Interactive Command Modes
The Slim-Link® Server includes three Interactive command modes: AWE86MON Monitor and MicroRTOS™ Real-Time
Operating System are included in the Slim-Link Server module. The MicroRTOS™ Debug Utility is available as a User
Command. The AWE86Mon is an enhanced version of the AMD 186 Monitor for the AM186ES-40 Microcontroller.
MicroRTOS™ is Advanced Web Communication’s proprietary multi-user real-time operating system. The MicroRTOS™
Debug Utility permits designers to manipulate MicroRTOS™ features for applications development. If the Debug Utility
is loaded into Flash memory, it can be accessed with the #Debug command. The table below shows how the developer
moves between these three command modes.
Power On
Enter Monitor
at
AWE86MON
Prompt
l1<Enter>
g <Enter>
Enter
MicroRTOS™ at
console_a/admin
Prompt
#Debug <Enter>
Enter Debug at
Web_Controller
Prompt
Q <Enter>
Shutdown <Enter> Y <Enter>
Command Modes Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com