Electronic Components Datasheet Search
  English  ▼

X  

SD1460 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1460
Description  RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1460 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1460 Datasheet HTML 1Page - STMicroelectronics SD1460 Datasheet HTML 2Page - STMicroelectronics SD1460 Datasheet HTML 3Page - STMicroelectronics SD1460 Datasheet HTML 4Page - STMicroelectronics SD1460 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FM BROADCAST APPLICATIONS
RF & MICROWAVE TRANSISTORS
.500 4LFL (M174)
epoxy sealed
.
108 MHz
.
28 VOLTS
.
EFFICIENCY 75%
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 150 W MIN. WITH 9.2 dB GAIN
DESCRIPTION
The SD1143 is a 28 V gold metallized epitaxial
silicon NPN planar transistor designed for VHF
FM broadcast transmitters. This device utilizes dif-
fused emitter resistors to achieve infinite VSWR
at rated operating conditions.
PIN CONNECTION
BRANDING
SD1460
ORDER CODE
SD1460
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
25
V
VCES
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
16
A
PDISS
Power Dissipation
230
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.75
°C/W
SD1460
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/5


Similar Part No. - SD1460

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
SD1460 ASI-SD1460 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
SD1460 NJSEMI-SD1460 Datasheet
114Kb / 2P
VHF Power Transistor
More results

Similar Description - SD1460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1483 MICROSEMI-SD1483 Datasheet
750Kb / 7P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
logo
Advanced Power Technolo...
MS1329 ADPOW-MS1329 Datasheet
192Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
MS1281 ADPOW-MS1281 Datasheet
132Kb / 3P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
MS1406 ADPOW-MS1406 Datasheet
124Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1202 MICROSEMI-MS1202 Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com