Electronic Components Datasheet Search
  English  ▼

X  

LP-T655 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LP-T655
Description  TOPLED® Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LP-T655 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LP-T655 Datasheet HTML 13Page - ams-OSRAM AG LP-T655 Datasheet HTML 14Page - ams-OSRAM AG LP-T655 Datasheet HTML 15Page - ams-OSRAM AG LP-T655 Datasheet HTML 16Page - ams-OSRAM AG LP-T655 Datasheet HTML 17Page - ams-OSRAM AG LP-T655 Datasheet HTML 18Page - ams-OSRAM AG LP-T655 Datasheet HTML 19Page - ams-OSRAM AG LP-T655 Datasheet HTML 20Page - ams-OSRAM AG LP-T655 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LP T655
DATASHEET
DATASHEET
17 | Version 1.4 | 2022-09-14
C
Chhiipp TTeecchhnnoollooggyy::
55::
HOP 2000
66::
Standard InGalP
´
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
55::
lens 40° .. 80°
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
((λλddoomm ttyypp..))
G
G::
570 nm
green
PP::
560 nm
pure green
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
TT::
TOPLED
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
66::
folded leads
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
G
G
TT
66
55
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com