Electronic Components Datasheet Search
  English  ▼

X  

3631C151KT Datasheet(PDF) 4 Page - Tyco Electronics

Part # 3631C151KT
Description  Shielded SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631C151KT Datasheet(HTML) 4 Page - Tyco Electronics

  3631C151KT Datasheet HTML 1Page - Tyco Electronics 3631C151KT Datasheet HTML 2Page - Tyco Electronics 3631C151KT Datasheet HTML 3Page - Tyco Electronics 3631C151KT Datasheet HTML 4Page - Tyco Electronics 3631C151KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Electrical Characteristics -
3631F Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
Irms
Isat
Code
(µH)
(Hz)
Max.
(A)
(A)
1R1
1.1
±30%
100K
6.5
10.2
14.0
2R4
2.4
±30%
100K
10.0
9.2
10.5
3R3
3.3
±30%
100K
12.0
8.8
9.8
4R5
4.5
±30%
100K
13.5
8.5
9.0
5R6
5.6
±30%
100K
16.0
8.0
8.5
7R5
7.5
±30%
100K
17.5
6.4
7.0
100
10.0
±20%
1K
19.5
6.0
6.3
150
15.0
±20%
1K
28.5
5.2
5.0
220
22.0
±20%
1K
38.6
4.3
4.1
330
33.0
±20%
1K
57.0
3.5
3.3
470
47.0
±20%
1K
80.0
2.9
2.8
680
68.0
±20%
1K
120.0
2.4
2.3
101
100.0
±20%
1K
150.0
2.1
2.0
Environmental Characteristics -
D, E, F, Series
Storage Temp:
-40°C to +125°C
Operating Temp:
-40°C to +125°C (Temp. Rise Included)
Rated Current:
Base on temp. rise &
∆L/L=25% typ.
Temp. Rise:
40°C typ.
Electrical Characteristics -
3631E Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
Irms
Isat
Code
(µH)
(Hz)
Max.
(A)
(A)
1R5
1.5
±30%
100K
9.5
9.20
9.00
3R3
3.3
±30%
100K
15.0
6.80
6.50
4R7
4.7
±20%
100K
18.0
6.00
5.60
5R6
5.6
±20%
100K
20.0
5.40
5.10
6R8
6.8
±20%
100K
23.0
5.20
4.70
100
10.0
±20%
100K
32.0
4.00
4.00
150
15.0
±20%
100K
47.0
3.50
3.20
220
22.0
±20%
100K
67.5
3.00
2.60
330
33.0
±20%
100K
97.0
2.30
2.10
470
47.0
±20%
100K
135.0
2.00
1.80
680
68.0
±20%
100K
200.0
1.50
1.50
101
100.0
±20%
100K
300.0
1.25
1.20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com