Electronic Components Datasheet Search
  English  ▼

X  

TDA7563BH Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7563BH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563BH Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7563BH Datasheet HTML 1Page - STMicroelectronics TDA7563BH Datasheet HTML 2Page - STMicroelectronics TDA7563BH Datasheet HTML 3Page - STMicroelectronics TDA7563BH Datasheet HTML 4Page - STMicroelectronics TDA7563BH Datasheet HTML 5Page - STMicroelectronics TDA7563BH Datasheet HTML 6Page - STMicroelectronics TDA7563BH Datasheet HTML 7Page - STMicroelectronics TDA7563BH Datasheet HTML 8Page - STMicroelectronics TDA7563BH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
December 2007
Rev 2
1/33
1
TDA7563B
4 x 50W multifunction quad power amplifier
with built-in diagnostics feature
Features
■ Multipower BCD technology
■ MOSFET output power stage
■ DMOS power output
■ New Hi-efficiency (class SB)
■ High output power capability 4x28W/4Ω @
14.4V, 1KHZ, 10% THD, 4x50W max, power
■ Max. output power 4x72W/2Ω
■ Full I2C bus driving:
–St-by
– Independent front/rear soft play/mute
– Selectable gain 30dB /16dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
bus AC load detection)
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector pin with selectable threshold
(2%/10%)
■ St-by/mute pin
■ Linear thermal shutdown with multiple thermal
warning
■ ESD protection
Description
The TDA7563B is a new BCD technology quad
bridge type of car radio amplifier in Flexiwatt27
package specially intended for car radio
applications.
Thanks to the DMOS output stage the TDA7563B
has a very low distortion allowing a clear powerful
sound. Among the features, its superior efficiency
performance coming from the internal exclusive
structure, makes it the most suitable device to
simplify the thermal management in high power
sets.
The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by
conventional class AB solutions.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
Flexiwatt27
PowerSO36
Flexiwatt27
(Horizontal)
(Vertical)
Table 1.
Device summary
Order code
Package
Packing
TDA7563B
Flexiwatt27 (vertical)
Tube
TDA7563BH
Flexiwatt27 (horizontal)
Tube
TDA7563BPD
PowerSO36
Tube
TDA7563BPDTR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - TDA7563BH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7563BH STMICROELECTRONICS-TDA7563BH Datasheet
555Kb / 33P
4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
More results

Similar Description - TDA7563BH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com