Electronic Components Datasheet Search
  English  ▼

X  

FE6D Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # FE6D
Description  SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

FE6D Datasheet(HTML) 1 Page - VoltarisTech Inc

  FE6D Datasheet HTML 1Page - VoltarisTech Inc FE6D Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE6A THRU FE6D
SINTERED GLASS JUNCTION
FAST EFFICIENT RECTIFIER
VOLTAGE:50V to 200V
CURRENT: 6.0A
FEATURE
G-4
High temperature metallurgically bonded construction
Glass passivated cavity-free junction
Superfast recovery time-for hige efficiency
Low forward voltage, high current capability
Hermetically sealed package
Low leakage current
High surge current capability
MECHANICAL DATA
Case: G-4 sintered glass case
Terminal: Plated axial leads solderable per J-STD-002
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
SYMBOL
FE6A
FE6B
FE6C
FE6D
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC blocking Voltage
VDC
50
100
150
200
V
Maximum
Average
Forward
Rectified
Current
0.375
”(9.5mm) lead length at TL=55℃
IFAV
6.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
IFSM
135
A
Maximum Forward Voltage at Forward Current 6A and
25℃
VF
0.975
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =100℃
IR
5.0
50.0
A
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical junction capacitance
(Note 2)
Cj
100
pF
Typical Thermal Resistance
(Note 3,4)
Rth(ja)
Rth(jl)
55.0
18.0
℃ /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1.
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V
3.
Thermal resistance from junction to lead at 0.375
”(9.5mm) lead length with both leads attached to heatsinks
4.
Thermal resistance from junction to ambient at 0.375
”(9.5mm) lead length and mounted on P.C.B.
Rev.A1, 14-Oct-08
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - FE6D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE6D GE-FE6D Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE6D DIOTEC-FE6D Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
FE6D DIOTEC-FE6D Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE6D DIOTEC-FE6D Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
More results

Similar Description - FE6D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP15A ZOWIE-EGP15A Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP30A ZOWIE-UGP30A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50D ZOWIE-EGP50D Datasheet
56Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGP50D ZOWIE-UGP50D Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com