Electronic Components Datasheet Search
  English  ▼

X  

BCR8LM-12LB Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BCR8LM-12LB
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BCR8LM-12LB Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BCR8LM-12LB Datasheet HTML 1Page - Inchange Semiconductor Company Limited BCR8LM-12LB Datasheet HTML 2Page - Inchange Semiconductor Company Limited BCR8LM-12LB Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
BCR8LM-12LB
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VR=VRRM, TJ= 25℃
5.0
uA
IDRM
Repetitive Peak Off-state Current
VD=VDRM, TJ= 25℃
5.0
uA
IGT
Gate Trigger Current
Ⅰ
VD=12V, RL = 100Ω
30
mA
Ⅱ
30
Ⅲ
30
IH
Holding Current
IGT= 500mA
60
mA
IL
Latching Current
IG=1.2*IGT
100
mA
VGT
Gate Trigger Voltage all Quadrant
VD=12V, RL = 100 Ω
1.5
V
VTM
On-state Voltage
IT= 16A, tp= 380μs
1.5
V
dv/dt
critical rate of rise of off-state voltage
VD=2/3VDRM Tj=125℃
800
V/us
Rth(j-c)
Thermal resistance, junction to case
2.05
℃
/W
PACKAGE OUTLINE (UNIT: mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com