Electronic Components Datasheet Search
  English  ▼

X  

SD1492 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1492
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1492 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1492 Datasheet HTML 1Page - STMicroelectronics SD1492 Datasheet HTML 2Page - STMicroelectronics SD1492 Datasheet HTML 3Page - STMicroelectronics SD1492 Datasheet HTML 4Page - STMicroelectronics SD1492 Datasheet HTML 5Page - STMicroelectronics SD1492 Datasheet HTML 6Page - STMicroelectronics SD1492 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PHOTOMASTER OF TEST CIRCUIT
B1, B2 : Coaxial Cable 25, 43mm
C1, C2
C6, C7 : 330pF, ATC 100B
C3
: .8 - 8pF Johanson Gigatrim
C4
: 4.7pF + 3.9pF, ATC 100B
C5
: 3.9pF + 1.7pF, ATC 100B + .8 - 8pF Johanson
Gigatrim
C8
: 120pF, ATC 100B
C9
: 1.5nF, ATC 100B
C10
: 10nF + 47
µF, 63V
C11
: 1.5nF, ATC 100B + 10nF
C12
: 470pF + 1.5nF, ATC 100B + 100
µF, 63V
Substrate: Teflon Glass Er
= 2.55, 30Mils
L1, L18
: Printed Line 50
L2, L17
: Printed Line 26.7
, 10mm
L3, L16
: Printed Line 60
, 10.5mm
L4, L15
: Printed Line 50
, 43mm
L5
: Printed Line 25
, 13.5mm
L6
: Printed Line 21
, 15mm
L7
: Printed Line 10.5
, 12.5mm
L8
: Printed Line 8
, 7.5mm
L9, l10
: Printed Line 50
, 10mm
L11
: Printed Line 9.5
, 10.5mm
L12
: Printed Line 11
, 14.5mm
L13
: Printed Line 15.5
, 8.5mm
L14
: Printed Line 19
, 3.5mm
L19
: 2 Turns, #16 AWG
L20
: 8 Turns, #16 AWG
L21, L22 : 12 Turns, #22 AWG
TEST CIRCUIT
SD1492
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com