Electronic Components Datasheet Search
  English  ▼

X  

LBS07085 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07085
Description  70MHz SAW Filter 1.23MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07085 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07085 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07085 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07085 Datasheet HTML 3Page - SIPAT Co,Ltd LBS07085 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07085
Rev. Date
2007-4-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.1
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
1.23MHz Bandwidth
Part Number: LBS07085
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
70
-
Insertion Loss
dB
-
20
22
1 dB Bandwidth
MHz
-
1.26
-
1.5 dB Bandwidth
MHz
1.26
1.28
-
3 dB Bandwidth
MHz
-
1.31
-
35 dB Bandwidth
MHz
-
1.49
1.5
40 dB Bandwidth
MHz
-
1.52
-
50 dB Bandwidth
MHz
-
1.55
1.8
Passband Variation(f0±0.615MHz)
dB
-
0.75
1
Absolute Delay
usec
-
1.1
-
Phase Linearity(f0±0.615MHz)
deg
-
9
-
Ultimate Rejection(f0±1MHz)
dB
50
53
-
Material Temperature coefficient
KHz/°C
0.115
Ambient Temperature
°C
25
Package Size
DIP7320
(73.28x19.94x5.6mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Ls1=Ls2=150nH
Cp1=39pF Cp2=56pF
Cs1=15pF Cs2=22pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
50Ω
50Ω
OUTPUT
Cs1
Ls1
Ls2
Cs2
Cp1
Cp2


Similar Part No. - LBS07085

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07085 SIPAT-LBS07085 Datasheet
161Kb / 4P
70MHz SAW Filter 1.23MHz Bandwidth
More results

Similar Description - LBS07085

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBS07073 SIPAT-LBS07073 Datasheet
199Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS11901 SIPAT-LBS11901 Datasheet
138Kb / 3P
119.32MHz SAW Filter 1.23MHz Bandwidth
LBS16401 SIPAT-LBS16401 Datasheet
277Kb / 3P
164.32MHz SAW Filter 1.23MHz Bandwidth
LBS07073 SIPAT-LBS07073 Datasheet
280Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS07085 SIPAT-LBS07085 Datasheet
161Kb / 4P
70MHz SAW Filter 1.23MHz Bandwidth
LBS11901 SIPAT-LBS11901 Datasheet
133Kb / 3P
119.32MHz SAW Filter 1.23MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com