Electronic Components Datasheet Search
  English  ▼

X  

LS-H9PP Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LS-H9PP
Description  OSLON® Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-H9PP Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LS-H9PP Datasheet HTML 13Page - ams-OSRAM AG LS-H9PP Datasheet HTML 14Page - ams-OSRAM AG LS-H9PP Datasheet HTML 15Page - ams-OSRAM AG LS-H9PP Datasheet HTML 16Page - ams-OSRAM AG LS-H9PP Datasheet HTML 17Page - ams-OSRAM AG LS-H9PP Datasheet HTML 18Page - ams-OSRAM AG LS-H9PP Datasheet HTML 19Page - ams-OSRAM AG LS-H9PP Datasheet HTML 20Page - ams-OSRAM AG LS-H9PP Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LS H9PP
17 Version 1.11 | 2020-01-30
Wavelength
Emission ColorColor coordinates according
(λdom typ.)
CIE 1931 / Emission color:
A:
617 nm
amber
CW: warm white
S:
633 nm
super red
CY:
color on demand yellow
Y:
590 nm
yellow
UW: ultra-white
R:
625 nm
red
W:
white
W2:
white, 2 chips
Chip Technology:
5: standard power class
P: power performance
Technology concept
3: Silicone encapsulation
(casted) platform: QFN
Package Type
H: Top emitting device
Leadframe based
Black reflector package
K: Automotive
and Industry
Product
L: Light
Emitting
Diode
Encapsulant Type / Lens Properties
L: no lens (Lambertian)
P: planar compression molded silicon
(120°); with volume conversion
Q: planar compression molded silicon
(120°); with layer conversion
G: outcoupling lens 90°
Product-
version
Lead / Package Properties
Toplooker:
2: 3731
H: 3737
3: 3742
I: 3746
4: 3753
J: 3757
5: 3746
K: 3768
9: leadless
L: 3779
W: next chip development
Type Designation System
K
W
H
2
L
5
3
1
.
T
E
Binning Information:
E: ECE binning: IEC 62707
(i.e. ebxD68)
K: binning within ECE
Converted Colors
T: greenish cold white
C: intermediate cold white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com