Electronic Components Datasheet Search
  English  ▼

X  

3631B151LT Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3631B151LT
Description  Shielded SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631B151LT Datasheet(HTML) 3 Page - Tyco Electronics

  3631B151LT Datasheet HTML 1Page - Tyco Electronics 3631B151LT Datasheet HTML 2Page - Tyco Electronics 3631B151LT Datasheet HTML 3Page - Tyco Electronics 3631B151LT Datasheet HTML 4Page - Tyco Electronics 3631B151LT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Dimensions
A, B, C Series
Series
A ±0.3
B ±0.3
C ±0.5
D ±0.2
E (typ)
F (ref)
G (ref)
H (ref)
3631A
12.7
12.7
5.0
5.0
8.1
6.0
7.0
4.0
3631B
12.7
12.7
6.0
5.0
8.1
6.0
7.0
4.0
3631C
12.7
12.7
8.0
5.0
8.1
6.0
7.0
4.0
Electrical Characteristics -
3631D Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
Irms
Isat
Code
(µH)
(Hz)
Max.
(A)
(A)
1R2
1.20
±30%
100K
8.0
9.20
9.80
2R4
2.40
±30%
100K
11.5
7.80
8.00
3R5
3.50
±30%
100K
13.0
7.50
7.60
4R7
4.70
±30%
100K
15.5
6.80
7.00
6R1
6.10
±30%
100K
17.0
6.60
6.80
7R6
7.60
±30%
100K
19.0
6.00
6.20
100
10.0
±20%
1K
20.0
5.50
5.50
120
12.0
±20%
1K
23.0
5.20
5.00
150
15.0
±20%
1K
27.0
5.00
4.60
180
18.0
±20%
1K
36.0
4.20
3.90
220
22.0
±20%
1K
43.0
4.00
3.70
270
27.0
±20%
1K
45.0
3.60
3.30
330
33.0
±20%
1K
60.0
3.00
2.80
390
39.0
±20%
1K
70.0
2.80
2.70
470
47.0
±20%
1K
86.0
2.60
2.50
560
56.0
±20%
1K
100.0
2.30
2.20
680
68.0
±20%
1K
110.0
2.10
2.10
820
82.0
±20%
1K
145.0
1.95
1.90
101
100.0
±20%
1K
180.0
1.70
1.70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com