Electronic Components Datasheet Search
  English  ▼

X  

3631E151LT Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3631E151LT
Description  Shielded SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631E151LT Datasheet(HTML) 2 Page - Tyco Electronics

  3631E151LT Datasheet HTML 1Page - Tyco Electronics 3631E151LT Datasheet HTML 2Page - Tyco Electronics 3631E151LT Datasheet HTML 3Page - Tyco Electronics 3631E151LT Datasheet HTML 4Page - Tyco Electronics 3631E151LT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Electrical Characteristics -
3631B Series (continued)
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
I.D.C. (A)
Code
(µH)
(Hz)
Max.
Max.
471
470.0
±10%
1K
970.0
0.50
561
560.0
±10%
1K
1320.0
0.45
681
680.0
±10%
1K
1500.0
0.40
821
820.0
±10%
1k
1700.0
0.35
102
1000.0
±10%
1K
2300.0
0.30
122
1200.0
±10%
1K
2650.0
0.25
152
1500.0
±10%
1K
3500.0
0.20
Electrical Characteristics -
3631C Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
I.D.C. (A)
Code
(µH)
(Hz)
Max.
Max.
2R5
2.5
±20%
1K
11.4
7.80
4R5
4.5
±20%
1K
14.0
6.80
6R5
6.5
±20%
1K
18.0
6.50
100
10.0
±20%
1K
21.0
5.40
120
12.0
±20%
1K
25.0
4.90
150
15.0
±20%
1K
36.0
4.50
180
18.0
±20%
1K
40.0
3.90
220
22.0
±20%
1K
43.0
3.60
270
27.0
±20%
1K
48.0
3.40
330
33.0
±15%
1K
62.0
3.00
390
39.0
±15%
1K
76.0
2.70
470
47.0
±15%
1K
85.0
2.50
560
56.0
±15%
1K
110.0
2.30
680
68.0
±15%
1K
135.0
2.10
820
82.0
±15%
1K
150.0
1.90
101
100.0
±15%
1K
170.0
1.70
121
120.0
±15%
1K
190.0
1.50
151
150.0
±15%
1K
240.0
1.40
181
180.0
±15%
1K
270.0
1.30
221
220.0
±15%
1K
380.0
1.10
271
270.0
±15%
1K
400.0
1.00
331
330.0
±15%
1K
650.0
0.90
391
390.0
±15%
1K
670.0
0.85
471
470.0
±10%
1K
850.0
0.80
561
560.0
±10%
1K
900.0
0.70
681
680.0
±10%
1K
1000.0
0.65
821
820.0
±10%
1K
1150.0
0.60
102
1000.0
±10%
1K
1650.0
0.55
122
1200.0
±10%
1K
2000.0
0.40
152
1500.0
±10%
1K
2350.0
0.36
Environmental Characteristics -
A, B, C, Series
Storage Temp:
-40°C to +125°C
Operating Temp:
-25°C to +105°C
Rated Current:
Base on temp. rise &
∆L/L=10% typ.
Temp. Rise:
40°C max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com