Electronic Components Datasheet Search
  English  ▼

X  

GT20J341 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # GT20J341
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GT20J341 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  GT20J341 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GT20J341 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GT20J341 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GT20J341
IGBT
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0, IC= 1mA
600
--
--
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 2mA
3.5
--
6.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20A, VCE= 15V
--
--
2.0
V
ICES
Zero Gate Voltage Collector Current
VCE=600V, VGE=0
--
--
0.1
mA
IGES
Gate-Emitter Leakage Current
VGE=±25V, VCE=0
--
--
±
100
nA
VF
Diode Forward Voltage
IF=20A
--
--
2.1
V
Package Outline (Unit: mm):
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com