Electronic Components Datasheet Search
  English  ▼

X  

LBS07105 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07105
Description  71MHz SAW Filter 0.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07105 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07105 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07105 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07105 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07105
Rev. Date
2005-8-31
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
71MHz SAW Filter
0.2MHz Bandwidth
Part Number: LBS07105
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.98
71
71.02
Insertion Loss
dB
-
20.3
23
1.5 dB Bandwidth
MHz
0.2
0.23
-
45 dB Bandwidth
MHz
-
0.77
0.80
50 dB Bandwidth
MHz
-
0.79
1.0
Passband Variation
dB
-
0.2
-
Absolute Delay
usec
-
4.5
-
Ultimate Rejection(f0±0.6MHz)
dB
50
52
-
Material Temperature coefficient
KHz/°C
0.071
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS07105

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07105 SIPAT-LBS07105 Datasheet
143Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
More results

Similar Description - LBS07105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS07103 ETC2-LBS07103 Datasheet
136Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
logo
SIPAT Co,Ltd
LBS07103 SIPAT-LBS07103 Datasheet
136Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
138Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
184Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBN12026 SIPAT-LBN12026 Datasheet
148Kb / 3P
120MHz SAW Filter 71MHz Bandwidth
UE71-0.2 SIPAT-UE71-0.2 Datasheet
193Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
142Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
144Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07105 SIPAT-LBS07105 Datasheet
143Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
189Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com