Electronic Components Datasheet Search
  English  ▼

X  

4841J21 Datasheet(PDF) 1 Page - KNIPEX

Part # 4841J21
Description  Precision Circlip Pliers For internal circlips in bore holes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

4841J21 Datasheet(HTML) 1 Page - KNIPEX

  4841J21 Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
48 41 J21
Precision Circlip Pliers
For internal circlips in bore holes
DIN 5256 D
● Heavy duty in continuous operation: up to 10 times longer service life
compared to turned tips
● With inserted tips for reliable work
● With overexpansion guard (adjustable using end stop)
● Adjustment using hexagonal screw
● Ideal for series production as excessive expansion of rings is
effectively prevented
● Bolted joint: precise, zero backlash operation of pliers
● Non-slip plastic coating on the handles
● 90° angled tips
● With overstretching limiter for standardised assembly in accordance
with DIN 472
● The adjustable stop screw prevents the rings from overstretching
● Inserted tips: spring steel wire, drawn
● Pliers body: chrome vanadium electric steel, forged, oil-hardened
General
Article No.
48 41 J21
EAN
4003773080695
Pliers
grey atramentized
Handles
with non-slip plastic coating
Weight
175 g
Dimensions
165 x 48 x 22 mm
Standard
DIN 5256 D
Reach
no
RohS
no
Technical details
Size of bore
Ø 19 – 60 mm
Tips (diameter)
Ø 1.8 mm
Classification
eCl@ss 5.1.4
21040301
ETIM 5.0
EC002228
ETIM 6.0
EC002228
proficl@ss 6.0
AAC470c002
UNSPSC 13.1
27112140
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 1


Similar Part No. - 4841J21

ManufacturerPart #DatasheetDescription
logo
KNIPEX
4841J01 KNIPEX-4841J01 Datasheet
108Kb / 1P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
4841J11 KNIPEX-4841J11 Datasheet
142Kb / 2P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
4841J31 KNIPEX-4841J31 Datasheet
106Kb / 1P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
More results

Similar Description - 4841J21

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
Z80-300 HARWIN-Z80-300 Datasheet
69Kb / 1P
DATAMATE S-TEK CIRCLIP TOOL
logo
Pasternack Enterprises,...
PE91049 PASTERNACK-PE91049 Datasheet
448Kb / 3P
Precision SMA Female to SMP Male Adapter Smooth Bore
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Rosenberger Hochfrequen...
119S14N-40ML5 ROSENBERGER-119S14N-40ML5 Datasheet
136Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S142-40ML5 ROSENBERGER-119S142-40ML5 Datasheet
123Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S147-40ML5 ROSENBERGER-119S147-40ML5 Datasheet
129Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S144-40ML5 ROSENBERGER-119S144-40ML5 Datasheet
117Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
logo
PHOENIX CONTACT
PPS-ST PHOENIX-PPS-ST Datasheet
50Kb / 2P
Stamping bit, for bore holes: 4.3 mm diameter
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
logo
Schneider Electric
XACB912 SCHNEIDER-XACB912 Datasheet
98Kb / 1P
boot with circlip - for booted operator - silicone - 4 mm
Aug 17, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com