Electronic Components Datasheet Search
  English  ▼

X  

5000210 Datasheet(PDF) 1 Page - KNIPEX

Part # 5000210
Description  Carpenters Pincers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

5000210 Datasheet(HTML) 1 Page - KNIPEX

  5000210 Datasheet HTML 1Page - KNIPEX 5000210 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
50 00 210
Carpenters' Pincers
DIN ISO 9243
● For heavy duty use
● Specially favoured by craftsmen for their precise workmanship
● Extreme wear resistance and well balanced
● Cutting edge hardness approx. 60 HRC
● Special tool steel, forged, oil-hardened
General
Article No.
50 00 210
EAN
4003773021957
Pliers
black atramentized
Head
polished
Weight
425 g
Dimensions
210 x 55 x 27 mm
Standard
DIN ISO 9243
Reach
no
RohS
no
Technische Attribute
Cutting capacities medium hard wire
(diameter)
Ø 2.2 mm
Cutting edge length mm
25.5 mm
Classification
eCl@ss 5.1.4
21040301
proficl@ss 6.0
AAC489c002
UNSPSC 13.1
27112104
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 5000210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5000200C ETC2-5000200C Datasheet
1Mb / 13P
TEST CLIPS INSULATORS
logo
Molex Electronics Ltd.
500024 MOLEX-500024 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-2481 MOLEX-500024-2481 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-6471 MOLEX11-500024-6471 Datasheet
373Kb / 6P
0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
5000242481 MOLEX-5000242481 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com