Electronic Components Datasheet Search
  English  ▼

X  

830S21AMILFT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 830S21AMILFT
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILFT Datasheet(HTML) 2 Page - Renesas Technology Corp

  830S21AMILFT Datasheet HTML 1Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
830S21I Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 6
nc
Unused
No connect.
2
CLK
Input
Pullup/
Pulldown Non-inverting differential clock input.
3
nCLK
Input
Pullup/
Pulldown Inverting differential clock input.
4
VBB
Output
Output reference voltage.
5
GND
Power
Power supply ground.
7
Q
Output
Single-ended clock output. LVCMOS / LVTTL interface levels.
8
VDD
Power
Positive supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
VDD = 3.465V
10
pF
VDD = 2.625V
8
pF
ROUT
Output Impedance
VDD = 3.3V
10
VDD = 2.5V
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com