Electronic Components Datasheet Search
  English  ▼

X  

G2SBA05 Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # G2SBA05
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

G2SBA05 Datasheet(HTML) 1 Page - VoltarisTech Inc

  G2SBA05 Datasheet HTML 1Page - VoltarisTech Inc G2SBA05 Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G2SBA05 THRU G2SBA100
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V
Current: 1.5A
Features
GBL
Glass passivated chip junction
Ideal for printed circuit board
High case dielectric strength
High surge current capability
This series is UL listed under Recognized Component Index,
file number E330278
Mechanical Data
Terminal: Plated leads solderable per J-STD-002
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
Symbol
G2SB
A05
G2SB
A10
G2SB
A20
G2SB
A40
G2SB
A60
G2SB
A80
G2SB
A100
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward rectified output current
Ta = 25℃
If(av)
1.5
A
Peak
forward
surge
current
single
sine-wave
superimposed on rated load (JEDEC Method)
Ifsm
60
A
Maximum instantaneous forward voltage drop per leg at
0.75A
Vf
1.0
V
Rating for fusing (t < 8.3ms)
I
2t
15
A
2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
5.0
300
A
Maximum thermal resistance per leg
Rth(ja)
Rth(jc)
40.0
12.0
℃/W
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
℃
Note:
1. Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads, 0.375" (9.5mm) lead length
Rev.A7, 30-Jun-16
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - G2SBA05

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
G2SBA005 AMERICASEMI-G2SBA005 Datasheet
470Kb / 2P
BRIDGE RECTIFIERS
G2SBA01 AMERICASEMI-G2SBA01 Datasheet
470Kb / 2P
BRIDGE RECTIFIERS
G2SBA02 AMERICASEMI-G2SBA02 Datasheet
470Kb / 2P
BRIDGE RECTIFIERS
G2SBA04 AMERICASEMI-G2SBA04 Datasheet
470Kb / 2P
BRIDGE RECTIFIERS
G2SBA06 AMERICASEMI-G2SBA06 Datasheet
476Kb / 2P
BRIDGE RECTIFIERS
More results

Similar Description - G2SBA05

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com