Electronic Components Datasheet Search
  English  ▼

X  

T25LL Datasheet(PDF) 13 Page - HellermannTyton.

Part # T25LL
Description  Cable Ties Polyamide 6.6 standard
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T25LL Datasheet(HTML) 13 Page - HellermannTyton.

Back Button T25LL Datasheet HTML 8Page - HellermannTyton. T25LL Datasheet HTML 9Page - HellermannTyton. T25LL Datasheet HTML 10Page - HellermannTyton. T25LL Datasheet HTML 11Page - HellermannTyton. T25LL Datasheet HTML 12Page - HellermannTyton. T25LL Datasheet HTML 13Page - HellermannTyton. T25LL Datasheet HTML 14Page - HellermannTyton. T25LL Datasheet HTML 15Page - HellermannTyton. T25LL Datasheet HTML 16Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1.1
48
Further information at
www.HellermannTyton.co.uk/fixings
Cable Ties and Fixings
Cable Ties Inside Serrated
T-Series cable ties for bundling and securing cables, pipes and hoses.
These cable ties can be used for almost any type of application.
Features and Benefits
• Higher chemical resistant cable tie available in a wide range sizes
• Made from 100 % high quality plastic, allows for good recycling
• Inside serration for a strong hold around bundles
• Easy application either manually or with a processing tool
• Simple to insert due to the ergonomically bent tail
• Floats in water
• High chemical resistance
Cable Ties for higher chemical resistance for
temperatures up to +115 °C in Polypropylene
T-Series.
T-Series in PP natural and black
T-Series
L
W
TYPE
Width
(W)
Length
(L)
Bundle
Ø max.
Material
Colour
Pack
Cont.
Tools
Article-No.
T18R
2.5
100.0
22.0
36
PP
Black (BK)
100 pcs.
2;4-6
111-01917
2.5
100.0
22.0
36
PP
Natural (NA)
1,000 pcs.
2;4-6
111-01922
T30R
3.6
148.0
32.0
89
PP
Natural (NA)
100 pcs.
2;4-6
111-03017
T50R
4.8
202.0
44.5
111
PP
Black (BK)
100 pcs.
2-10
111-04928
4.8
202.0
44.5
111
PP
Natural (NA)
100 pcs.
2-10
111-04931
T120S
7.6
225.0
55.0
267
PP
Black (BK)
500 pcs.
3;9-12
111-12827
T120R
7.6
390.0
105.0
267
PP
Black (BK)
500 pcs.
3;9-12
111-12066
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Recommended Tools
2
3
4
5
6
7
8
9
10
11
12
MK20
MK21
MK3SP
MK3PNSP2
EVO7
MK7HT
MK7P
MK6
MK9
MK9HT
MK9P
For more information on toolings please refer to the Application Tooling chapter.
Material specification
please see page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com