Electronic Components Datasheet Search
  English  ▼

X  

T30LL Datasheet(PDF) 2 Page - HellermannTyton.

Part # T30LL
Description  Cabl e Ties
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T30LL Datasheet(HTML) 2 Page - HellermannTyton.

  T30LL Datasheet HTML 1Page - HellermannTyton. T30LL Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable T ies
1.1
29
Cable T ies and Fixings
T18S – T150XL
Please Note for Product Specific Approvals please refer to Chapter 7.3
Specifications please see table
page 414 in Appendix.
Article-No. Type
Length
(L)
Width
(W)
Bundle Ø
max.
Min. Tensile
Strength (N)
Material
Colour
Application
Tool
Pack Cont.
Polyamide 6.6. UV Stabilised
111-02860 T18S
83
2.3
16
80
PA66W
Black (BK)
1–3, 5
1000
111-01960 T18R
100
2.5
22
80
PA66W
Black (BK)
1–3, 5
100
111-02260 T18I
140
2.5
35
80
PA66W
Black (BK)
1–3, 5
100
111-02012 T18L
205
2.5
55
80
PA66W
Black (BK)
1–3, 5
100
111-02560 T25L
240
2.8
65
110
PA66W
Black (BK)
1–3, 5
100
111-02660 T25LL
330
2.8
95
110
PA66W
Black (BK)
1–3, 5
100
111-03030 T30R
150
3.5
35
135
PA66W
Black (BK)
1–3, 5
100
111-03460 T30L
190
3.5
50
135
PA66W
Black (BK)
1–3, 5
100
111-03570 T30LL
290
3.5
80
135
PA66W
Black (BK)
1–3, 5
100
111-03860 T40R
175
4.0
45
180
PA66W
Black (BK)
1–5
100
111-05860 T50S
150
4.6
35
225
PA66W
Black (BK)
1–10
100
111-04889 T50R
200
4.6
50
225
PA66W
Black (BK)
1–10
100
111-06206 T50M
245
4.6
65
225
PA66W
Black (BK)
1–10
100
111-05260 T50I
300
4.6
85
225
PA66W
Black (BK)
1–10
100
111-05440 T50L
390
4.6
110
225
PA66W
Black (BK)
1–10
100
111-06000 T50LL
445
4.6
130
225
PA66W
Black (BK)
1–10
100
111-05060 T80R
210
4.7
55
355
PA66W
Black (BK)
1–10
100
111-05460 T80L
390
4.7
110
355
PA66W
Black (BK)
1–10
100
111-12830 T120S
225
7.6
55
535
PA66W
Black (BK)
6–10
50
111-12230 T120I
300
7.6
80
535
PA66W
Black (BK)
6–10
100
111-12060 T120R(E)
390
7.6
105
535
PA66W
Black (BK)
6–10
100
111-12660 T120M
460
7.6
130
535
PA66W
Black (BK)
6–10
100
111-00171 T120XM
600
7.6
175
535
PA66W
Black (BK)
6–10
100
111-12430 T120L
760
7.6
225
535
PA66W
Black (BK)
6–10
50
111-15660 T150M
530
8.9
150
780
PA66W
Black (BK)
6–9
25
111-15460 T150L
820
8.8
245
780
PA66W
Black (BK)
6–9
25
111-15502 T150XL
1095
8.9
330
780
PA66W
Black (BK)
6–9
25
111-25100 T250X
370
12.5
100
1115
PA66W
Black (BK)
7-9
25
All Dimensions in mm. Subject to technical changes.
Technical Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com