Electronic Components Datasheet Search
  English  ▼

X  

SN74F573 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F573
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH S0STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F573 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F573 Datasheet HTML 1Page - Texas Instruments SN74F573 Datasheet HTML 2Page - Texas Instruments SN74F573 Datasheet HTML 3Page - Texas Instruments SN74F573 Datasheet HTML 4Page - Texas Instruments SN74F573 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54F573, SN74F573
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SDFS011A − MARCH 1987 − REVISED OCTOBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Eight Latches in a Single Package
• 3-State Bus-Driving True Outputs
• Full Parallel Access for Loading
• Buffered Control Inputs
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These 8-bit latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight latches of the
′F573 are transparent
D-type latches. While the latch enable (LE) input
is high, the Q outputs follow the data (D) inputs.
When the latch enable is taken low, the Q outputs
are latched at the logic levels set up at the D
inputs.
A buffered output enable (OE) input can be used
to place the eight outputs in either a normal logic
state (high or low logic levels) or a high-
impedance state. In the high-impedance state, the
outputs neither load nor drive the bus lines
significantly.
The
high-impedance state
and
increased drive provide the capability to drive bus
lines without need for interface or pullup
components.
The output enable (OE) input does not affect the internal operations of the latches. Old data can be retained
or new data can be entered while the outputs are in the high-impedance state.
The SN54F573 is characterized for operation over the full military temperature range of − 55
°C to 125°C. The
SN74F573 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
OUTPUT
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
SN54F573 ...J PACKAGE
SN74F573 . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54F573 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F573 TI-SN74F573 Datasheet
72Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74F573 TI2-SN74F573 Datasheet
591Kb / 13P
OCTAL TRANSPARENT D-TYPE LATCHES ‘WITH 3-STATE OUTPUTS
REVISED OCTOBER 1993
SN74F573DW TI-SN74F573DW Datasheet
72Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74F573DW TI2-SN74F573DW Datasheet
591Kb / 13P
OCTAL TRANSPARENT D-TYPE LATCHES ‘WITH 3-STATE OUTPUTS
REVISED OCTOBER 1993
SN74F573DWR TI2-SN74F573DWR Datasheet
591Kb / 13P
OCTAL TRANSPARENT D-TYPE LATCHES ‘WITH 3-STATE OUTPUTS
REVISED OCTOBER 1993
More results

Similar Description - SN74F573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LS373 HITACHI-HD74LS373 Datasheet
89Kb / 7P
Octal D-type Transparent Latches(with three-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com