Electronic Components Datasheet Search
  English  ▼

X  

SR176 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 2Page - STMicroelectronics SR176_07 Datasheet HTML 3Page - STMicroelectronics SR176_07 Datasheet HTML 4Page - STMicroelectronics SR176_07 Datasheet HTML 5Page - STMicroelectronics SR176_07 Datasheet HTML 6Page - STMicroelectronics SR176_07 Datasheet HTML 7Page - STMicroelectronics SR176_07 Datasheet HTML 8Page - STMicroelectronics SR176_07 Datasheet HTML 9Page - STMicroelectronics SR176_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Description
SR176
6/35
1
Description
The SR176 is a contactless memory, powered by an externally transmitted radio wave. It
contains 176 bits of user EEPROM, fabricated with STMicroelectronics CMOS technology.
The memory is organized as 16 blocks of 16 bits, of which 11 blocks are user accessible.
The SR176 is accessed via the 13.56 MHz carrier. Incoming data are demodulated and
decoded from the received Amplitude Shift Keying modulation signal (ASK). The modulation
index of this signal is 10%. Outgoing data are generated by load variation using Bit Phase
Shift Keying (BPSK) of a 847.5 kHz subcarrier. The Data transfer rate between the SR176
and the reader is 106 Kbit/s in both reception and emission modes.
The SR176 follows the ISO 14443-2 Type B recommendation for radio frequency power and
signal interfacing.
Figure 1.
Pad connections
The SR176 is principally designed for short range applications, such as object identification,
that need a low cost and non-reusable tag. The SR176 does not include any anticollision
mechanism. It provides an “addressed” selection mechanism to cope with cases where
more than one tag is present within the range of the reader.
The SR176 contactless EEPROM offers read and write random access in block mode. One
block is composed by 16 bits. The device has an instruction set containing seven
commands:
●
READ_BLOCK
●
WRITE_BLOCK
●
INITIATE
●
SELECT
●
COMPLETION
●
PROTECT_BLOCK
●
GET_PROTECTION.
Table 1.
Signal names
AC1
Antenna coil
AC0
Antenna coil
AI09057
AC1
SR176
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
176 bit
USER
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com