Electronic Components Datasheet Search
  English  ▼

X  

TF101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TF101
Description  1.0A Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TF101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF101 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Fast Recovery Rectifier
Rev. B/AH 2008-04-29
TF101 – TF107/FR101 –FR107
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Typical Characteristics Curves
TF
101
TF
102
TF
103
TF
104
TF
105
TF
106
TF
107
Symbol
Description
FR
101
FR
102
FR
103
FR
104
FR
105
FR
106
FR
107
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.3
V
IF=1.0 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA=100° C
Trr
Typical Reverse
Recovery Time
150
250
500
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
15
pF
VR=4V, f=1MHz
RthJA
Typical Thermal
Resistance per leg
55
°C / W
TJ
Operating
Temperature range
-55 to +125
TSTG
Storage Temperature
Range
-55 to +150
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com