Electronic Components Datasheet Search
  English  ▼

X  

STU90N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU90N4F3
Description  N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU90N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STU90N4F3 Datasheet HTML 1Page - STMicroelectronics STU90N4F3 Datasheet HTML 2Page - STMicroelectronics STU90N4F3 Datasheet HTML 3Page - STMicroelectronics STU90N4F3 Datasheet HTML 4Page - STMicroelectronics STU90N4F3 Datasheet HTML 5Page - STMicroelectronics STU90N4F3 Datasheet HTML 6Page - STMicroelectronics STU90N4F3 Datasheet HTML 7Page - STMicroelectronics STU90N4F3 Datasheet HTML 8Page - STMicroelectronics STU90N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2007
Rev 1
1/14
14
STD90N4F3
STP90N4F3 - STU90N4F3
N-channel 40V - 5.4m
Ω - 80A - DPAK - TO-220 - IPAK
STripFET™ Power MOSFET
Features
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Switching application
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics unique “single feature size“
strip-based process with less critical alignment
steps and therefore a remarkable manufacturing
reproducibility. The resulting transistor shows
extremely high packing density for low on-
resistance, rugged avalanche characteristics and
low gate charge.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STD90N4F3
40V
<6.5m
Ω
80A
110W
STP90N4F3
40V
<6.5m
Ω
80A
110W
STU90N4F3
40V
<6.5m
Ω
80A
110W
1
3
1
2
3
DPAK
TO-220
3
2
1
IPAK
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD90N4F3
90N4F3
DPAK
Tape & reel
STP90N4F3
90N4F3
TO-220
Tube
STU90N4F3
90N4F3
IPAK
Tube
www.st.com


Similar Part No. - STU90N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
logo
Inchange Semiconductor ...
STU90N4F3 ISC-STU90N4F3 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STU90N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STP95N04 STMICROELECTRONICS-STP95N04 Datasheet
297Kb / 14P
N-CHANNEL 40V - 5.4mohm - 80A - DPAK - TO-220 STripFET Power MOSFET
07-Dec-2005
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
22-Feb-2007
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
15-May-2007
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com