Electronic Components Datasheet Search
  English  ▼

X  

STT818B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STT818B
Description  High gain low voltage PNP power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 4 Page - STMicroelectronics

  STT818B_07 Datasheet HTML 1Page - STMicroelectronics STT818B_07 Datasheet HTML 2Page - STMicroelectronics STT818B_07 Datasheet HTML 3Page - STMicroelectronics STT818B_07 Datasheet HTML 4Page - STMicroelectronics STT818B_07 Datasheet HTML 5Page - STMicroelectronics STT818B_07 Datasheet HTML 6Page - STMicroelectronics STT818B_07 Datasheet HTML 7Page - STMicroelectronics STT818B_07 Datasheet HTML 8Page - STMicroelectronics STT818B_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STT818B
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -30 V
VCB = -30 V
TC = 125°C
-0.1
-20
µA
µA
IEBO
Collector-cut-off current
(IC = 0)
VEB = -5 V
-0.1
µA
V(BR)CEO
(1)
1.
Pulse duration = 300
µs, duty cycle 1.5 %.
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10 mA
-30
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -0.5 A
_ IB = -5 mA
IC = -1.2 A
IB = -12 mA
IC = -2 A
_ IB = -20 mA
-0.075
-0.21
-0.15
-0.3
-0.5
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -0.5 A
_ IB = -5 mA
IC = -1.2A _ IB = -12 mA
IC = -2A _
IB = -20 mA
-0.74
-1.1
-1.1
-1.2
V
V
V
hFE
(1)
DC current gain
IC = -0.5 A
VCE = -1 V
IC = -2.5 A
VCE = -3 V
100
100
VBE(ON)
(1)
Base-emitter voltage
IC = -0.5 A
VCE = -2 V
-0.71
-1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com