Electronic Components Datasheet Search
  English  ▼

X  

551S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 551S
Description  Low Skew 1 to 4 Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

551S Datasheet(HTML) 1 Page - Renesas Technology Corp

  551S Datasheet HTML 1Page - Renesas Technology Corp 551S Datasheet HTML 2Page - Renesas Technology Corp 551S Datasheet HTML 3Page - Renesas Technology Corp 551S Datasheet HTML 4Page - Renesas Technology Corp 551S Datasheet HTML 5Page - Renesas Technology Corp 551S Datasheet HTML 6Page - Renesas Technology Corp 551S Datasheet HTML 7Page - Renesas Technology Corp 551S Datasheet HTML 8Page - Renesas Technology Corp 551S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
R31DS0038EU0204 Rev.2.04
Page 1
Aug 14, 2026
© 2015-2025 Renesas Electronics
Description
The 551S is a low cost, high-speed single input to
four output clock buffer with best in class additive
phase jitter of sub 50fsec.
Renesas makes many non-PLL and PLL based low
skew output devices as well as Zero Delay Buffers to
synchronize clocks. Contact Renesas for all of your
clocking needs.
Features
▪ Low additive phase jitter RMS: 50fs
▪ Extremely low skew outputs (50ps)
▪ Low cost clock buffer
▪ Packaged in 8-SOIC, 8-TSSOP, and 8-DFN
▪ Input/output clock frequency up to 200MHz
▪ Non-inverting output clock
▪ Ideal for networking clocks
▪ Operating voltages: 1.8V to 3.3V
▪ Output Enable mode tri-states outputs
▪ Advanced, low power CMOS process
▪ Extended temperature range (-40°C to +105°C)
Block Diagram
Figure 1. Block Diagram
Q1
ICLK
Q2
Q3
Q4
Output Enable
551S
Low Skew 1 to 4 Clock Buffer


Similar Part No. - 551S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
551S IDT-551S Datasheet
222Kb / 12P
Low additive phase jitter RMS
551S IDT-551S Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
551SCMGI IDT-551SCMGI Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
551SCMGI8 IDT-551SCMGI8 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
551SDCGI IDT-551SDCGI Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
More results

Similar Description - 551S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com