Electronic Components Datasheet Search
  English  ▼

X  

553S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 553S
Description  Low Skew 1 to 4 Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

553S Datasheet(HTML) 2 Page - Renesas Technology Corp

  553S Datasheet HTML 1Page - Renesas Technology Corp 553S Datasheet HTML 2Page - Renesas Technology Corp 553S Datasheet HTML 3Page - Renesas Technology Corp 553S Datasheet HTML 4Page - Renesas Technology Corp 553S Datasheet HTML 5Page - Renesas Technology Corp 553S Datasheet HTML 6Page - Renesas Technology Corp 553S Datasheet HTML 7Page - Renesas Technology Corp 553S Datasheet HTML 8Page - Renesas Technology Corp 553S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
©2015–2026 Renesas Electronics Corporation
August 14, 2026
553S Datasheet
Pin Assignments
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01µF should be
connected between VDD on pin 1 and GND on pin 4, as close to the device as possible. A 33 series terminating resistor
may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the 553S is capable of, careful attention must be paid to board layout. Essentially, all
four outputs must have identical terminations, identical loads and identical trace geometries. If they do not, the output skew
will be degraded. For example, using a 30 series termination on one output (with 33 on the others) will cause at least
15ps of skew.
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
VDD
Power
Connect to +1.8V, +2.5V, or +3.3V.
2
Q0
Output
Clock output 0.
3
Q1
Output
Clock output 1.
4
GND
Power
Connect to ground.
5
ICLK
Input
Clock input.
6
Q2
Output
Clock output 2.
7
Q3
Output
Clock output 3.
8
OE
Input
Output Enable. Tri-states outputs when low. Connect to VDD for normal operation.
1
2
3
VDD
4
Q0
Q1
Q3
GND
Q2
ICL K
8
7
6
5
OE
8- pi n SOI C
1
2
3
VDD
4
Q0
Q1
Q3
GND
Q2
ICLK
8
7
6
5
OE
8-pin DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com